Part Number Hot Search : 
10E48 BRS320 CBT16292 C2502 DS0506 MBT3906 SR650 SMCJ8
Product Description
Full Text Search
 

To Download G9B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Neon Indicator Lamps
C onfiguration T - 2 Midge t Fla nge B a s e
A
Part Numbe r A1 G A1 G -R A1 H A1 H -R C7 A C 7 A -R C9 A C 9 A -R G9 B G 9 B -R K1 C 5 K 1 C 5-R K1 B1 K 1 B 1 -R K1 A5 K 1 A 5-R
Old R e f. Numbe r
Desi gn C urre nt mA 0. 3 0. 3 1. 2 1. 2 0. 7 0. 7 1. 9 1. 9 1. 2 1. 2 0. 7 0. 7 1. 2 1. 2 1. 9 1. 9
Ma ximum B r e a kdown V oltage VD C VA C 65 65 95 95 65 65 95 95 95 95 65 65 95 95 95 95 90 90 135 135 90 90 135 135 135 135 90 90 135 135 135 135
B C
NE -2D NE -2J
T - 2 T e l ephone S lide B a s e
A
NE -84
B
T - 3 1/4 Minia tur e B a yone t B a s e
A
B
B1 A B 1 A -R B2 A B 2 A -R B2 G B 2 G -R
NE NE NE NE NE AR
-51 - 1R 5 - 1H 5 - 1H R 5 - 1G 5 - 1G R 5
0. 3 0. 3 1. 2 1. 2 1. 2 1. 2
65 65 95 95 95 95
90 90 135 135 135 135
Footnotes 1. Life value is to approximately 50% of initial light output. Values shown apply to use on AC unless otherwise shown. Life on DC is approximately 60% of AC values when DC current is equal to RMS AC value. When equal DC and RMS AC voltages and equal
resistances are utilized, life will be approximately the same. 2. For DC operation of high brightness lamps use a minimum of 150 circuit volts. Maximum initial breakdown voltage 95 VAC, 135 VDC in light.
3. Tinned leads. 4. High brightness. 5. Formed tip. 6. Dark effect reduced. 7. Lamp drops through a O.310" cylinder of .500" minimum length.
147 Central Avenue Hackensack, NJ 07601 Phone: (201) 489-8989 Fax: (201) 489-6911
18703 Dix Toledo Road Brownstown, MI 48193 E-mail:sales@chml.com * Web Site: www.chml.com
Saret Zone Franca, Edifico B Alajuela Costa Rica
Chicago Miniature Lighting, LLC reserves the right to make specification revisions that enhance the design and/or performance of the product
Neon Indicator Lamps


▲Up To Search▲   

 
Price & Availability of G9B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X